Part Number Hot Search : 
UR1105W CPC1727J DHPH201U BR1006 B45197 1N5594B N6068 BD901
Product Description
Full Text Search
 

To Download BAT54SW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky barrier(double) diodes BAT54W Series
Diodes
Features
Low forward voltage Guard ring protected Very small SMD package.
Absolute Maximum Ratings Ta = 25
Parameter Continuous reverse voltage Continuous forward current Repetitive peak forward current Non-repetitive peak forward current Total power dissipation (per package) Storage temperature Junction temperature Operating ambient temperature Thermal resistance from junction to ambient Symbol VR IF IFRM IFSM Ptot Tstg Tj Tamb Rth j-a -65 tp 1 s; d tp < 10 ms Tamb 25 -65 0.5 Conditions Min Max 30 200 300 600 200 +150 125 +125 625 K/W Unit V mA mA mA mW
Electrical Characteristics T a = 25
Param eter Sym bol Conditions IF = 0.1 m A IF = 1 m A Forward voltage VF IF = 10 m A IF = 30 m A IF = 100 m A Reverse current Reverse recovery tim e Diode capacitance Note 1. Pulse test: tp 300 s; a 0.02. IR trr Cd VR = 25 V; Note 1 when switched from IF = 10 m A to IR = 10 m A; RL = 100 m easured at IR = 1 m A 10 pF Max 240 320 400 500 800 2 5 A ns mV Unit
f = 1 MHz; VR = 1 V;
Marking
Type Marking BAT54W L4 BAT54AW 42 BAT54CW 43 BAT54SW 44
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAT54SW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X